PART |
Description |
Maker |
ADN8831ACP |
A High Efficiency TEC Controller Solution
|
Analog Devices
|
LTC1771 LTC17711 LTC1771ES8 LTC1771IS8 LTC1771IS8T |
10A Quiescent Current High Efficiency Step-Down DC/DC Controller 10µA Quiescent Current High Efficiency Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 1 A SWITCHING CONTROLLER, PDSO8 10µA Quiescent Current High Efficiency Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1 A SWITCHING CONTROLLER, PDSO8 10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
|
Linear Technology, Corp.
|
LTC3719 LTC3719EG |
2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs 2-Phase, High Efficiency, Step-Down Controller for AMD OpteronCPUs
|
Linear Technology
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
BD9012KV BD9012KV-E2 |
Dual-output, high voltage, high-efficiency step-down switching controller
|
Rohm
|
LX1741CDU-TR LX1741CLM-TR |
High Efficiency High Voltage Boost Controller
|
Microsemi Corporation
|
SS6650 SS6650CNTB SS6650CNTR SS6650CSTB SS6650CSTR |
High-Efficiency, Inverting DC/DC Controller
|
Silicon Standard Corp.
|
LED22V1A2DW LED22V1A2DWM |
HIGH EFFICIENCY LED CONTROLLER
|
List of Unclassifed Manufacturers
|
LTC3703EGN-5 LTC3703EG-5 LTC3703EG-5TR |
60V Synchronous Switching Regulator Controller RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO28 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO16 100V Synchronous Switching Regulator Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology Corporation Linear Technology, Corp.
|
SC4602BIMSTR SC4602BIMSTRT SC4602AIMSTR SC4602A SC |
High Efficiency Synchronous, Step Down Controller
|
Semtech Corporation
|